Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc S35390A Datasheet HTML 23Page - Seiko Instruments Inc S35390A Datasheet HTML 24Page - Seiko Instruments Inc S35390A Datasheet HTML 25Page - Seiko Instruments Inc S35390A Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
22
1
INT Pin and
2
INT
Pin Output Mode
These are selectable for the output mode for
1
INT and
2
INT
pins;
Alarm interrupt, the output of user-set frequency, per-minute edge interrupt output, minute-periodical interrupt output 1. In
the
1
INT
pin output mode, in addition to the above modes, minute-periodical interrupt output 2 and 32.768 kHz output
are also selectable.
To switch the output mode, use the status register 2. Refer to "3. Status register 2" in " Configuration of Registers".
When switching the output mode, be careful of the output status of the pin. Especially, when using alarm interrupt / output
of frequency, switch the output mode after setting "00h" in the INT1 / INT2 register. In 32.768 kHz output / per-minute edge
interrupt output / minute-periodical interrupt output, it is unnecessary to set data in the INT1 / INT2 register for users.
Refer to the followings regarding each operation of output modes.
1. Alarm interrupt output
Alarm interrupt output is the function to output "L" from the
1
INT /
2
INT
pin, at the alarm time which is set by user has
come. If setting the pin output to "H", turn off the alarm function by setting "0" in INT1AE / INT2AE in the status register 2.
To set the alarm time, set the data of day of the week, hour and minute in the INT1 / INT2 register. Refer to "4. INT1
register and INT2 register
" in " Configuration of Registers".
1. 1 Alarm setting of "W (day of the week), H (hour), m (minute)"
OFF
*1
INT1AE / INT2AE
mx
Comparator
Hx
Wx
INTx register alarm enable flag
• AxHE = AxmE = AxWE = "1"
Status register 2 setting
• INT1 pin output mode
32kE = 0, INT1ME = INT1FE = 0
• INT2 pin output mode
INT2ME = INT2FE = 0
INT1 register
INT2 register
Alarm interrupt
Second Minute
Year
Day of
the week
Day Month
Real-time data
W (day of the week)
01 s
59 s
INT1 pin / INT2 pin
Change by program
Alarm time matches
Period when alarm time matches
Change by program
H h 00 m 00 s
H h (m
− 1) m 59 s
H h (m
+ 1) m 00 s
Change by program
Real-time data
Hour
*1.
If users clear INT1AE / INT2AE once; "L" is not output from the
1
INT
/
2
INT
pin by setting INT1AE / INT2AE enable
again, within a period when the alarm time matches real-time data.
Figure 24 Alarm Interrupt Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com