Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 7Page - Seiko Instruments Inc S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc S35390A Datasheet HTML 10Page - Seiko Instruments Inc S35390A Datasheet HTML 11Page - Seiko Instruments Inc S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
11
Configuration of Registers
1. Real-time data register
The real-time data register is a 7-byte register that stores the data of year, month, day, day of the week, hour, minute,
and second in the BCD code. To write / read real-time data 1 access, transmit / receive the data of year in B7, month,
day, day of the week, hour, minute, second in B0, in 7-byte. When you skip the procedure to access the data of year,
month, day, day of the week, read / write real-time data 2 accesses. In this case, transmit / receive the data of hour in B7,
minute, second in B0, in 3-byte.
The S-35390A H Series transfers a set of data of time to the real-time data register when it recognizes a reading
instruction. Therefore, the S-35390A H Series keeps precise time even if time-carry occurs during the reading operation
of the real-time data register.
Year data (00 to 99)
Month data (01 to 12)
Day data (01 to 31)
Hour data (00 to 23 or 00 to 11)
Minute data (00 to 59)
Second data (00 to 59)
Y80
Y40
Y4
Y8
Y10
Y20
Y2
Y1
B7
B0
M1
M2
M4
M8
M10
0
0
0
D1
D2
D4
D8
D10
D20
0
0
W1
W2
W4
0
0
0
0
0
H1
H4
H8
H10
H20
H2
0
m1
s2
s4
s8
s10
s20
s40
0
m8
m10
m20
m40
0
m4
m2
AM / PM
s1
Start bit of real-time data 2 data access
Start bit of real-time data 1 data access
Day of the week data (00 to 06)
B7
B0
B7
B0
B7
B0
B7
B0
B7
B0
B7
B0
Figure 10 Real-Time Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com