Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 25Page - Seiko Instruments Inc S35390A Datasheet HTML 26Page - Seiko Instruments Inc S35390A Datasheet HTML 27Page - Seiko Instruments Inc S35390A Datasheet HTML 28Page - Seiko Instruments Inc S35390A Datasheet HTML 29Page - Seiko Instruments Inc S35390A Datasheet HTML 30Page - Seiko Instruments Inc S35390A Datasheet HTML 31Page - Seiko Instruments Inc S35390A Datasheet HTML 32Page - Seiko Instruments Inc S35390A Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
29
3. How to confirm setting value for register and result of correction
The S-35390A H Series does not adjust the frequency of the crystal oscillation by using the function of clock correction.
Therefore users cannot confirm if it is corrected or not by measuring output 32.768 kHz. When the function of clock
correction is being used, the cycle of 1 Hz clock pulse output from the
1
INT
pin changes once in 20 times or 60 times,
as shown in Figure 31.
INT1 pin
(1 Hz output)
a
a
a
a
b
In case of B0 = 0: a = 19 times, b = Once
In case of B0 = 1: a = 59 times, b = Once
19 times or 59 times
Once
Figure 31 Confirmation of Clock Correction
Measure a and b by using the frequency counter
*1. Calculate the average frequency (Tave) based on the measurement
results.
B0 = 0, Tave = (a
× 19 + b) ÷ 20
B0 = 1, Tave = (a
× 59 + b) ÷ 60
Calculate the error of the clock based on the average frequency (Tave). The following shows an example for
confirmation.
Confirmation example: When B0 = 0, 66h is set
Measurement results: a = 1.000080 Hz, b = 0.998493 Hz
Clock Correction Register Setting Value
Average Frequency [Hz]
Per Day [s]
Before correction
00 h (Tave = a)
1.000080
86393
After correction
66 h (Tave = (a
× 19 + b) ÷ 20) 1.00000065
86399.9
Calculating the average frequency allows to confirm the result of correction.
*1.
Use a frequency counter with 7-digit or greater precision.
Caution
Measure the oscillation frequency under the usage conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com