Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 40 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 40 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc S35390A Datasheet HTML 42Page - Seiko Instruments Inc S35390A Datasheet HTML 43Page - Seiko Instruments Inc S35390A Datasheet HTML 44Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
40
2. Measurement of oscillation frequency
When the S-35390A H Series is turned on, the internal power-on detector operates and a signal of 1 Hz is output from
the
1
INT
pin to select the crystal oscillator and optimize the Cg value. Turn the power on and measure the signal with a
frequency counter following the circuit configuration shown in Figure 51.
If 1 Hz signal is not output, the power-on detector does not operate normally. Turn off the power and then turn it on again.
For how to apply power, refer to " Power-on Detection Circuit and Register Status".
Remark If the error range is
±1 ppm in relation to 1 Hz, the time is shifted by approximately 2.6 seconds per month
(calculated using the following mode).
10
–6 (1 ppm) × 60 seconds × 60 minutes × 24 hours × 30 days = 2.592 seconds
INT1
INT2
SDA
SCL S-35390A H Series
VDD
XOUT
XIN
VSS
Cg
1 k
Ω
10 k
Ω
1 k
Ω
Frequency
counter
Open
or pull-up
Figure 51 Configuration of Oscillation Frequency Measurement Circuit
Caution
1. Use a high-accuracy frequency counter of 7 digits or more.
2. Measure the oscillation frequency under the usage conditions.
3. Since the 1 Hz signal continues to be output, initialization must be executed during normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com