Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc S35390A Datasheet HTML 23Page - Seiko Instruments Inc S35390A Datasheet HTML 24Page - Seiko Instruments Inc S35390A Datasheet HTML 25Page - Seiko Instruments Inc S35390A Datasheet HTML 26Page - Seiko Instruments Inc S35390A Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
23
1. 2 Alarm setting of "H (hour)"
mx
Comparator
Hx
Wx
Dx
Mx
Yx
OFF
OFF
*1
*1
INT1AE / INT2AE
INT1 pin / INT2 pin
Alarm interrupt
Second
Real-time data
Minute
INT1 register
INT2 register
Year
Hour
Day of
the week
Day Month
Change by program
Alarm time matches
Period when alarm time matches
Change by program
Real-time data
Alarm time
matches*2
01 s
59 s
H h 00 m 00 s
H h 59 m 59 s
H h 01 m 00 s
(H
+ 1) h 00 m 00 s
(H
− 1) h 59 m 59 s
Change by program
Change by program
INTx register alarm enable flag
• AxHE = AxmE = AxWE = "1"
Status register 2 setting
• INT1 pin output mode
32kE = 0, INT1ME = INT1FE = 0
• INT2 pin output mode
INT2ME = INT2FE = 0
*1.
If users clear INT1AE / INT2AE once; "L" is not output from the
1
INT
/
2
INT
pin by setting INT1AE / INT2AE enable
again, within a period when the alarm time matches real-time data.
*2.
If turning the alarm output on by changing the program, within the period when the alarm time matches real-time data,
"L" is output again from the
1
INT
/
2
INT
pin when the minute is counted up.
Figure 25 Alarm Interrupt Output Timing
2. Output of user-set frequency
The output of user-set frequency is the function to output the frequency which is selected by using data, from the
1
INT
/
2
INT
pin, in the AND-form. Set up the data of frequency in the INT1 / INT2 register.
Refer to "4. INT1 register and INT2 register" in " Configuration of Registers".
OFF
INT1FE / INT2FE
INT1 pin / INT2 pin
Change by program
Free-run output starts
Status register 2 setting
• INT1 pin output mode
32kE = 0, INT1AE = Don’t care (0 or 1), INT1ME = 0
• INT2 pin output mode
INT2AE = Don’t care (0 or 1), INT2ME = 0
Figure 26 Output Timing of User-set Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com