Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 30Page - Seiko Instruments Inc S35390A Datasheet HTML 31Page - Seiko Instruments Inc S35390A Datasheet HTML 32Page - Seiko Instruments Inc S35390A Datasheet HTML 33Page - Seiko Instruments Inc S35390A Datasheet HTML 34Page - Seiko Instruments Inc S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
34
4. 4 INT1 register access and INT2 register access
In reading / writing the INT1 and INT2 registers, data varies depending on the setting of the status register 2. Be sure
to read / write after setting the status register 2. When setting the alarm by using the status register 2, these registers
work as 3-byte alarm time data registers, in other statuses, they work as 1-byte registers. When outputting the
user-set frequency, they are the data registers to set up the frequency.
Regarding details of each data, refer to "4. INT1 register and INT2 register" in " Configuration of Registers".
Caution Users cannot use both functions of alarm 1 interrupt and output of user-set frequency for the
1
INT
pin and
2
INT
pin simultaneously.
36
9
1
0
1
0
1
1
0
SCL
SDA
Day of the week
data
Minute data
B7
B0
B7
B0
*1
R / W
I/O mode switching
I/O mode switching
27
18
Hour data
B7
B0
Device code
+
command
*1.
0: INT1 register selected, 1: INT2 register selected
*2.
Set NO_ACK = 1 when reading.
*3.
Transmit ACK = 0 from the master device to the S-35390A H Series when reading.
Figure 41 INT1 Register Access and INT2 Register Access
18
9
1
1
0
1
1
0
I/O mode switching
SCL
SDA
Frequency
setting data
B7
B0
I/O mode switching
R / W
*1
0
Device code
+
command
*1.
0: INT1 register selected, 1: INT2 register selected
*2.
Set NO_ACK = 1 when reading.
Figure 42 INT1 Register and INT2 Register (Data Register for Output Frequency) Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com