Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 33Page - Seiko Instruments Inc S35390A Datasheet HTML 34Page - Seiko Instruments Inc S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
37
Flowchart of Initialization and Example of Real-time Data Set-up
Figure 46
is a recommended flowchart when the master device shifts to a normal operation status and initiates
communication with the S-35390A H Series. Regarding how to apply power, refer to " Power-on Detection Circuit and
Register Status"
. It is unnecessary for users to comply with this flowchart of real-time data strictly. And if using the default
data at initializing, it is also unnecessary to set up again.
Confirm data in status
register 1
OK
Set real-time data 1
Read real-time data 1
*2
Wait for 0.5 s
*1
Read status register 1
POC = 0
NO
YES
BLD = 0
YES
OK
END
Read status register 1
Read status register 1
NO
NO
YES
START
POC = 1
Set 24-hour / 12-hour mode
to status register 1
Initialize
(status register 1 B7 = 1)
BLD = 0
YES
Read real-time data 1
NG
Confirm data in real-time
data 1
NG
NO
*1.
Do not communicate for 0.5 seconds since the power-on detection circuit is in operation.
*2.
Reading the real-time data 1 should be completed within 1 second after setting the real-time data 1.
Figure 46 Example of Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com