Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 26Page - Seiko Instruments Inc S35390A Datasheet HTML 27Page - Seiko Instruments Inc S35390A Datasheet HTML 28Page - Seiko Instruments Inc S35390A Datasheet HTML 29Page - Seiko Instruments Inc S35390A Datasheet HTML 30Page - Seiko Instruments Inc S35390A Datasheet HTML 31Page - Seiko Instruments Inc S35390A Datasheet HTML 32Page - Seiko Instruments Inc S35390A Datasheet HTML 33Page - Seiko Instruments Inc S35390A Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
30
Serial Interface
The S-35390A H Series transmits / receives various commands via I
2C-bus serial interface to read / write data. Regarding
transmission is as follows.
1. Start condition
A start condition is when the SDA line changes "H" to "L" when the SCL line is in "H", so that the access starts.
2. Stop condition
A stop condition is when the SDA line changes "L" to "H" when the SCL line is in "H", and the access stops, so that the
S-35390A H Series gets standby.
tSU.STA
tHD.STA
tSU.STO
Start condition
Stop condition
SCL
SDA
Figure 32 Start / Stop Condition
3. Data transfer and acknowledgment signal
Data transmission is performed for every 1-byte, after detecting a start condition. Transmit data while the SCL line is in
"L", and be careful of spec of tSU.DAT and tHD. DAT when changing the SDA line. If the SDA line changes while the SCL
line is in "H", the data will be recognized as start / stop condition in spite of data transmission. Note that by this case,
the access will be interrupted.
During data transmission, every moment receiving 1-byte data, the devices which work for receiving data send an
acknowledgment signal back. For example, as seen in Figure 33, in case that the S-35390A H Series is the device
working for receiving data and the master device is the one working for sending data; when the 8th clock pulse falls,
the master device releases the SDA line. After that, the S-35390A H Series sends an acknowledgment signal back,
and set the SDA line to "L" at the 9th clock pulse. The S-35390A H Series does not output an acknowledgment signal
is that the access is not being done regularly.
1
8
9
Output acknowledgment
(Active "L")
tPD
Start condition
SCL
(S-35390A H Series
input)
SDA
(Master device
output)
SDA
(S-35390A H Series
output)
SDA is released
tSU.DAT
tHD.DAT
High-Z
High-Z
Figure 33 Output Timing of Acknowledgment Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com