Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
16
4. 2 Output of user-set frequency
The INT1 and INT2 registers are 1-byte data registers to set up the output frequency. Setting each bit B7 to B3 in the
register to "1", the frequency which corresponds to the bit is output in the AND-form. SC2 to SC4 in the INT1 register,
and SC5 to SC7 in the INT2 register are 3-bit SRAM type registers that can be freely set by users.
B7
R / W
R / W
8 Hz
B6
B5
B4
B3
B2
B1
B0
SC2
16 Hz
4 Hz
R / W
R / W
R / W
R / W
R / W
R / W
SC3
SC4
2 Hz
1 Hz
R / W: Read / write
Figure 14 INT1 Register (Data Register for Output Frequency)
B7
R / W
R / W
8 Hz
B6
B5
B4
B3
B2
B1
B0
SC5
16 Hz
4 Hz
R / W
R / W
R / W
R / W
R / W
R / W
SC6
SC7
2 Hz
1 Hz
R / W: Read / write
Figure 15 INT2 Register (Data Register for Output Frequency)
Example:
B7 to B3 = 50h
16 Hz
8 Hz
4 Hz
2 Hz
1 Hz
INT1 pin /
INT2 pin output
Status register 2
• Set to INT1FE or INT2FE = 1
Figure 16 Example of Output from INT1 and INT2 Registers (Data Register for Output Frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com