Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 44 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 44 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc S35390A Datasheet HTML 42Page - Seiko Instruments Inc S35390A Datasheet HTML 43Page - Seiko Instruments Inc S35390A Datasheet HTML 44Page - Seiko Instruments Inc S35390A Datasheet HTML 45Page - Seiko Instruments Inc S35390A Datasheet HTML 46Page - Seiko Instruments Inc S35390A Datasheet HTML 47Page - Seiko Instruments Inc S35390A Datasheet HTML 48Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
44
7. Oscillation frequency vs. VDD characteristics 8. Oscillation frequency
vs. Temperature characteristics
Ta = +25°C, Cg = 7.5 pF
Cg = 7.5 pF
50
40
30
20
10
0
–10
–20
–30
–40
–50
Δf/f
[ppm]
0
5
6
VDD [V]
1
2
3
4
0
−50
−100
−150
−200
−250
Ta [
°C]
−25
0
25
50
75
105
−40
Δf/f
[ppm]
VDD = 5.0 V
VDD = 3.0 V
9. Oscillation start time vs. Cg characteristics
10. Output current characteristics 1
(VOUT vs. IOL1)
Ta =
+25°C
INT1 pin, INT2 pin, Ta =
+25°C
0
500
450
400
350
300
250
200
150
100
50
0
tSTA
[ms]
2
8
10
4
6
Cg [pF]
VDD = 5.0 V
VDD = 3.0 V
0
50
40
30
20
10
0
IOL1
[mA]
1
2
3
4
VOUT [V]
VDD = 5.0 V
VDD = 3.0 V
11. Output current characteristics 2
(VOUT vs. IOL2)
12. BLD detection, release voltage, VDDT (min.)
vs. Temperature characteristics
SDA pin, Ta = +25°C
CL = 6 pF
0
50
40
30
20
10
0
IOL2
[mA]
0.5
1
1.5
2
VOUT [V]
2.5
VDD = 5.0 V
VDD = 3.0 V
1.4
0
Ta [
°C]
−25
0
25
50
75
105
−40
1.2
1.0
0.8
0.6
0.4
0.2
VDD
[V]
Detection voltage
Release voltage
VDDT (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com