Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 43 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 43 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc S35390A Datasheet HTML 42Page - Seiko Instruments Inc S35390A Datasheet HTML 43Page - Seiko Instruments Inc S35390A Datasheet HTML 44Page - Seiko Instruments Inc S35390A Datasheet HTML 45Page - Seiko Instruments Inc S35390A Datasheet HTML 46Page - Seiko Instruments Inc S35390A Datasheet HTML 47Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
43
Characteristics (Typical Data)
1. Standby current vs. VDD characteristics
2. Current consumption when 32 kHz is output
vs. VDD characteristics
Ta =
+25°C, CL = 6 pF
Ta =
+25°C, CL = 6 pF
0
5
6
1.0
0.8
0.6
0.4
0.2
0
VDD [V]
IDD1
[
μA]
1
2
3
4
0
5
6
1.0
0.8
0.6
0.4
0.2
0
VDD [V]
IDD3
[
μA]
1
2
3
4
3. Current consumption during operation
vs. Input clock characteristics
4. Standby current
vs. Temperature characteristics
Ta =
+25°C, CL = 6 pF
CL = 6 pF
0
50
45
40
35
30
25
20
15
10
5
0
IDD2
[
μA]
100
200
300
400
500
SCLfrequency [kHz]
VDD = 5.0 V
VDD = 3.0 V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Ta [
C]
IDD1
[
A]
25
0
25
50
75
105
40
VDD = 5.0 V
VDD = 3.0 V
5. Standby current vs. Cg characteristics
6. Oscillation frequency vs. Cg characteristics
Ta =
+25°C, CL = 6 pF
Ta =
+25°C, CL = 6 pF
0
6
8
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IDD1
[
μA]
VDD = 5.0 V
VDD = 3.0 V
2
4
Cg [pF]
100
80
60
40
20
0
–20
–40
–60
–80
–100
Δf/f
[ppm]
0
2
4
6
Cg [pF]
8
10
VDD = 5.0 V
VDD = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com