Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc S35390A Datasheet HTML 23Page - Seiko Instruments Inc S35390A Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
20
Low Power Supply Voltage Detection Circuit
The S-35390A H Series has a low power supply voltage detection circuit, so that users can monitor drops in the power
supply voltage by reading the BLD flag (B1 in the status register 1). There is a hysteresis width of approx. 0.15 V typ.
between detection voltage and release voltage (refer to " Characteristics (Typical Data)"). The low power supply
voltage detection circuit does the sampling operation only once in one sec for 15.6 ms.
If the power supply voltage decreases to the level of detection voltage (VDET) or less, "1" is set to the BLD flag so that
sampling operation stops. Once "1" is detected in the BLD flag, no sampling operation is performed even if the power
supply voltage increases to the level of release voltage or more, and "1" is held in the BLD flag.
Furthermore, the S-35390A H Series does not initialize the internal circuit even if "1" is set to the BLD flag. If the BLD flag
is "1" even after the power supply voltage is recovered, the internal circuit may be in the indefinite status. In this case, be
sure to initialize the circuit. Without initializing, if the next BLD flag reading is done after sampling, the BLD flag gets reset
to "0". In this case, be sure to initialize although the BLD flag is in "0" because the internal circuit may be in the indefinite
status.
VDD
BLD flag
Stop
Stop
Stop
Sampling pulse
Hysteresis width
0.15 V approximately
BLD flag reading
Detection voltage
Release
voltage
15.6 ms
1 s
1 s
Time keeping power
supply voltage (min.)
Figure 22 Timing of Low Power Supply Voltage Detection Circuit
Circuits Power-on and Low Power Supply Voltage Detection
Figure 23
shows the changes of the POC flag and BLD flag due to VDD fluctuation.
VDD
BLD flag
Status register 1
reading
POC flag
VSS
Low power supply voltage
detection voltage
Low power supply voltage
detection voltage
Figure 23 POC Flag and BLD Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com