Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35390A Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 10Page - Seiko Instruments Inc S35390A Datasheet HTML 11Page - Seiko Instruments Inc S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
14
3. Status register 2
Status register 2 is a 1-byte register that is used to display and set various modes. The bit configuration is shown below.
B7
INT1FE
INT1ME
R / W
R / W
32kE
B6
B5
B4
B3
B2
B1
B0
INT2ME
INT2FE
INT1AE
R / W
R / W
R / W
R / W
R / W
R / W
INT2AE
TEST
R / W: Read / write
Figure 12 Status Register 2
B0: TEST
This is a test flag for SII. Be sure to set this flag to "0" in use. If this flag is set to "1", be sure to initialize to set "0".
B1: INT2AE, B2 : INT2ME, B3 : INT2FE
These bits are used to select the output mode for the
2
INT
pin. Table 11 shows how to select the mode. To use an
alarm 2 interrupt, set alarm interrupt mode, then access the INT2 register.
Table 11 Output Modes for
2
INT
Pin
INT2AE
INT2ME
INT2FE
2
INT
Pin Output Mode
0
0
0
No interrupt
−
*1
0
1
Output of user-set frequency
−
*1
1
0
Per-minute edge interrupt
−
*1
1
1
Minute-periodical interrupt 1 (50% duty)
1
0
0
Alarm 2 interrupt
*1.
Don't care (both of 0 and 1 are acceptable).
B4: 32kE, B5: INT1AE, B6: INT1ME, B7: INT1FE
These bits are used to select the output mode for the
1
INT
pin. Table 12 shows how to select the mode. To use
alarm 1 interrupt, access the INT1 register after setting the alarm interrupt mode.
Table 12 Output Modes for
1
INT
Pin
32kE
INT1AE
INT1ME
INT1FE
1
INT
Pin Output Mode
0
0
0
0
No interrupt
0
−
*1
0
1
Output of user-set frequency
0
−
*1
1
0
Per-minute edge interrupt
0
0
1
1
Minute-periodical interrupt 1 (50% duty)
0
1
0
0
Alarm 1 interrupt
0
1
1
1
Minute-periodical interrupt 2
1
−
*1
−
*1
−
*1
32.768 kHz output
*1.
Don't care (both of 0 and 1 are acceptable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com