Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658T-E/CL Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18LC658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658T-E/CL Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18LC658T-E/CL Datasheet HTML 21Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 22Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 23Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 24Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 25Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 26Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 27Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 28Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 25
PIC18CXX8
2.6
Oscillator Switching Feature
The PIC18CXX8 devices include a feature that allows
the system clock source to be switched from the main
oscillator to an alternate low frequency clock source.
For the PIC18CXX8 devices, this alternate clock
source is the Timer1 oscillator. If a low frequency crys-
tal (32 kHz, for example) has been attached to the
Timer1 oscillator pins and the Timer1 oscillator has
been enabled, the device can switch to a low power
execution mode. Figure 2-6 shows a block diagram of
the system clock sources. The clock switching feature
is enabled by programming the Oscillator Switching
Enable
(OSCSEN)
bit
in
Configuration
register
CONFIG1H to a ’0’. Clock switching is disabled in an
erased device. See Section 9 for further details of the
Timer1 oscillator. See Section 22.0 for Configuration
Register details.
2.6.1
SYSTEM CLOCK SWITCH BIT
The system clock source switching is performed under
software control.
The system clock switch bit, SCS
(OSCCON register), controls the clock switching. When
the SCS bit is ’0’, the system clock source comes from
the main oscillator selected by the FOSC2:FOSC0 con-
figuration bits. When the SCS bit is set, the system clock
source will come from the Timer1 oscillator. The SCS bit
is cleared on all forms of RESET.
FIGURE 2-6:
DEVICE CLOCK SOURCES
REGISTER 2-1:
OSCCON REGISTER
Note:
The Timer1 oscillator must be enabled to
switch the system clock source. The
Timer1 oscillator is enabled by setting the
T1OSCEN bit in the Timer1 control register
(T1CON).
If the Timer1 oscillator is not
enabled, any write to the SCS bit will be
ignored (SCS bit forced cleared) and the
main oscillator will continue to be the sys-
tem clock source.
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
—
—
—
—
—
—
—
SCS
bit 7
bit 0
bit 7-1
Unimplemented: Read as '0'
bit 0
SCS: System Clock Switch bit
when OSCSEN configuration bit = ’0’ and T1OSCEN bit is set:
1
= Switch to Timer1 Oscillator/Clock pin
0
= Use primary Oscillator/Clock input pin
when OSCSEN is clear or T1OSCEN is clear:
bit is forced clear
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
PIC18CXX8
TOSC
4 x PLL
TT1P
TSCLK
Clock
Source
Tosc/4
Timer 1 Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source option
for other modules
OSC1
OSC2
SLEEP
Main Oscillator
Note:
I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com