Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658T-E/CL Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC18LC658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658T-E/CL Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC18LC658T-E/CL Datasheet HTML 63Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 64Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 65Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 66Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 67Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 68Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 69Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 70Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 67
PIC18CXX8
5.1.2
TABLAT - TABLE LATCH REGISTER
The Table Latch (TABLAT) is an 8-bit register mapped
into the SFR space. The Table Latch is used to hold
8-bit data during data transfers between program
memory and data memory.
5.1.3
TBLPTR - TABLE POINTER REGISTER
The Table Pointer (TBLPTR) addresses a byte within
the program memory. The TBLPTR is comprised of
three SFR registers (Table Pointer Upper byte, High
byte
and
Low
byte).
These
three
registers
(TBLPTRU:TBLPTRH:TBLPTRL) join to form a 22-bit
wide pointer. The low order 21-bits allow the device to
address up to 2 Mbytes of program memory space. The
22nd bit allows read only access to the Device ID, the
User ID and the Configuration bits.
The table pointer TBLPTR is used by the TBLRD and
TBLWT
instructions. These instructions can update the
TBLPTR in one of four ways based on the table oper-
ation. These operations are shown in Table 5-1.
These operations on the TBLPTR only affect the low
order 21-bits.
TABLE 5-1:
TABLE POINTER OPERATIONS WITH TBLRD AND TBLWT INSTRUCTIONS
Example
Operation on Table Pointer
TBLRD*
TBLWT*
TBLPTR is not modified
TBLRD*+
TBLWT*+
TBLPTR is incremented after the read/write
TBLRD*-
TBLWT*-
TBLPTR is decremented after the read/write
TBLRD+*
TBLWT+*
TBLPTR is incremented before the read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com