Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658T-E/CL Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC18LC658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658T-E/CL Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC18LC658T-E/CL Datasheet HTML 30Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 31Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 32Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 33Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 34Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 35Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 36Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 37Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 366 page
background image
PIC18CXX8
DS30475A-page 34
Advanced Information
 2000 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
658
858
---0 0000
---0 0000
---0
uuuu
(3)
TOSH
658
858
0000 0000
0000 0000
uuuu
uuuu
(3)
TOSL
658
858
0000 0000
0000 0000
uuuu
uuuu
(3)
STKPTR
658
858
00-0 0000
00-0 0000
uu-u
uuuu
(3)
PCLATU
658
858
---0 0000
---0 0000
---u
uuuu
PCLATH
658
858
0000 0000
0000 0000
uuuu
uuuu
PCL
658
858
0000 0000
0000 0000
PC + 2
(2)
TBLPTRU
658
858
--00 0000
--00 0000
--uu
uuuu
TBLPTRH
658
858
0000 0000
0000 0000
uuuu
uuuu
TBLPTRL
658
858
0000 0000
0000 0000
uuuu
uuuu
TABLAT
658
858
0000 0000
0000 0000
uuuu
uuuu
PRODH
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
PRODL
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
INTCON
658
858
0000 000x
0000 000u
uuuu
uuuu
(1)
INTCON2
658
858
1111 1111
1111 1111
uuuu
uuuu
(1)
INTCON3
658
858
1100 0000
1100 0000
uuuu
uuuu
(1)
INDF0
658
858
N/A
N/A
N/A
POSTINC0
658
858
N/A
N/A
N/A
POSTDEC0
658
858
N/A
N/A
N/A
PREINC0
658
858
N/A
N/A
N/A
PLUSW0
658
858
N/A
N/A
N/A
FSR0H
658
858
---- 0000
---- 0000
----
uuuu
FSR0L
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
WREG
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
INDF1
658
858
N/A
N/A
N/A
POSTINC1
658
858
N/A
N/A
N/A
POSTDEC1
658
858
N/A
N/A
N/A
PREINC1
658
858
N/A
N/A
N/A
PLUSW1
658
858
N/A
N/A
N/A
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware
stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other
oscillator modes, they are disabled and read ’0’.
6: The long write enable is only reset on a POR or MCLR.
7: Available on PIC18C858 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com