Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658T-E/CL Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC18LC658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658T-E/CL Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC18LC658T-E/CL Datasheet HTML 62Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 63Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 64Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 65Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 66Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 67Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 68Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 69Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 366 page
background image
PIC18CXX8
DS30475A-page 66
Advanced Information
 2000 Microchip Technology Inc.
5.1
Control Registers
Several control registers are used in conjunction with
the TBLRD and TBLWT instructions. These include:
• RCON register
• TABLAT register
• TBLPTR registers
5.1.1
RCON REGISTER
The LWRT bit specifies the operation of Table Writes to
internal memory when the VPP voltage is applied to the
MCLR pin. When the LWRT bit is set, the controller
continues to execute user code, but long table writes
are allowed (for programming internal program mem-
ory) from user mode. The LWRT bit can be cleared only
by performing either a POR or MCLR Reset.
REGISTER 5-1: RCON REGISTER (ADDRESS: 0xFD0h)
R/W-0
R/W-0
U-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
IPEN
LWRT
—
RI
TO
PD
POR
BOR
bit 7
bit 0
bit 7
IPEN: Interrupt Priority Enable
1
= Enable priority levels on interrupts
0
= Disable priority levels on interrupts (16CXXX compatibility mode)
bit 6
LWRT: Long Write Enable
1
= Enable TBLWT to internal program memory
0
= Disable TBLWT to internal program memory.
Note 1: Only cleared on a POR or MCLR reset.
This bit has no effect on TBLWTs to external program memory.
bit 5
Unimplemented: Read as '0'
bit 4
RI: RESET Instruction Flag bit
1
= No RESET instruction occurred
0
= A RESET instruction occurred
bit 3
TO: Time-out bit
1
= After power-up, CLRWDT instruction, or SLEEP instruction
0
= A WDT time-out occurred
bit 2
PD: Power-down bit
1
= After power-up or by the CLRWDT instruction
0
= By execution of the SLEEP instruction
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1
= No Brown-out Reset nor POR Reset occurred
0
= A Brown-out Reset or POR Reset occurred
(must be set in software after a Brown-out Reset occurs)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com