Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 129Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 130Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 131Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 132Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 133Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 134Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 135Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 136Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 133
12.8
Time-out Sequence
On power-up the time-out sequence is as follows: First
PWRT time-out is invoked by the POR pulse. When the
PWRT delay expires the Oscillator Start-up Timer is
activated. The total time-out will vary based on oscilla-
tor configuration and the status of the PWRT. For exam-
ple, in RC mode with the PWRT disabled, there will be
no time-out at all. Figure 12-7, Figure 12-8, Figure 12-
9 and Figure 12-10 depict time-out sequences on
power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(Figure 12-9). This is useful for testing purposes or to
synchronize more than one PICmicro microcontroller
operating in parallel.
Table 12-5 shows the reset conditions for some special
function registers, while Table 12-6 shows the reset
conditions for all the registers.
12.9
Power Control/Status Register
(PCON)
The Power Control/Status Register, PCON has two sta-
tus bits that provide indication of which power-up type
reset occurred.
Bit0 is Brown-out Reset Status bit, BOR. Bit BOR is set
on a Power-on Reset. It must then be set by the user
and checked on subsequent resets to see if bit BOR
cleared, indicating a BOR occurred. However, if the
brown-out circuitry is disabled, the BOR bit is a "Don’t
Care" bit and is considered unknown upon a POR.
Bit1 is POR (Power-on Reset Status bit). It is cleared on
a Power-on Reset and unaffected otherwise. The user
must set this bit following a Power-on Reset.
TABLE 12-3
TIME-OUT IN VARIOUS SITUATIONS
TABLE 12-4
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 12-5
RESET CONDITION FOR SPECIAL REGISTERS
Oscillator Configuration
Power-up
Brown-out
Wake-up from
SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024TOSC
1024TOSC
72 ms + 1024TOSC
1024TOSC
RC
72 ms
—
72 ms
—
POR
BOR
TO
PD
01
1
1
Power-on Reset
0x
0
x
Illegal, TO is set on POR
0x
x
0
Illegal, PD is set on POR
10
1
1
Brown-out Reset
11
0
1
WDT Reset
11
0
0
WDT Wake-up
11
u
u
MCLR Reset during normal operation
11
1
0
MCLR Reset during SLEEP or interrupt wake-up from SLEEP
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- --01
MCLR Reset during normal operation
000h
000u uuuu
---- --uu
MCLR Reset during SLEEP
000h
0001 0uuu
---- --uu
WDT Reset
000h
0000 1uuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
000h
0001 1uuu
---- --u0
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit read as '0'.
Note 1:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com