Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 131Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 132Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 133Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 134Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 135Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 136Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 137Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 138Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 135
FIGURE 12-7: TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD)
TRISA
773
774
---1 1111
---1 1111
---u uuuu
773
774
--11 1111
--11 1111
--uu uuuu
TRISB
773
774
1111 1111
1111 1111
uuuu uuuu
TRISC
773
774
1111 1111
1111 1111
uuuu uuuu
TRISD
773
774
1111 1111
1111 1111
uuuu uuuu
TRISE
773
774
0000 -111
0000 -111
uuuu -uuu
PIE1
773
774
r000 0000
r000 0000
ruuu uuuu
773
774
0000 0000
0000 0000
uuuu uuuu
PIE2
773
774
0--- 0--0
0--- 0--0
u--- u--u
PCON
773
774
---- --qq
---- --uu
---- --uu
PR2
773
774
1111 1111
1111 1111
1111 1111
SSPADD
773
774
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
773
774
0000 0000
0000 0000
uuuu uuuu
TXSTA
773
774
0000 -010
0000 -010
uuuu -uuu
SPBRG
773
774
0000 0000
0000 0000
uuuu uuuu
REFCON
773
774
0000 ----
0000 ----
uuuu ----
LVDCON
773
774
--00 0101
--00 0101
--uu uuuu
ADRESL
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
773
774
0000 000
0000 0000
uuuu uuuu
TABLE 12-6
INITIALIZATION CONDITIONS FOR ALL REGISTERS (Cont.’d)
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends
on condition
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the
interrupt vector (0004h).
3: See Table 12-5 for reset value for specific condition.
TPWRT
TOST
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com