Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 128Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 129Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 130Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 131Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 132Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 133Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 134Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 135Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 200 page
background image
PIC16C77X
DS30275A-page 132
Advance Information
© 1999 Microchip Technology Inc.
12.4
Power-On Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.5V - 2.1V). To
take advantage of the POR, just tie the MCLR pin
directly (or through a resistor) to VDD. This will elimi-
nate external RC components usually needed to create
a Power-on Reset. A maximum rise time for VDD is
specified. See Electrical Specifications for details. For
a slow rise time, see Figure 12-6.
Two delay timers have been provided which hold the
device in reset after a POR (dependant upon device
configuration) so that all operational parameters have
been met prior to releasing to device to resume/begin
normal operation.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature,...) must be met to ensure oper-
ation. If these conditions are not met, the device must
be held in reset until the operating conditions are met.
Brown-out Reset may be used to meet the startup con-
ditions, or if necessary an external POR circuit may be
implemented to delay end of reset for as long as
needed.
FIGURE 12-6: EXTERNAL POWER-ON
RESET CIRCUIT (FOR SLOW
VDD POWER-UP)
12.5
Power-up Timer (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up type resets only. For a POR, the
PWRT is invoked when the POR pulse is generated.
For a BOR, the PWRT is invoked when the device exits
the reset condition (VDD rises above BOR trippoint).
The Power-up Timer operates on an internal RC oscil-
lator. The chip is kept in reset as long as the PWRT is
active. The PWRT’s time delay is designed to allow VDD
to rise to an acceptable level. A configuration bit is pro-
vided to enable/disable the PWRT for the POR only. For
a BOR the PWRT is always available regardless of the
configuration bit setting.
The power-up time delay will vary from chip to chip due
to VDD, temperature, and process variation. See DC
parameters for details.
12.6
Oscillator Start-up Timer (OST)
The Oscillator Start-up Timer (OST) provides 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal oscil-
lator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on a power-up type reset or a wake-up
from SLEEP.
12.7
Brown-Out Reset (BOR)
The Brown-out Reset module is used to generate a
reset when the supply voltage falls below a specified
trip voltage. The trip voltage is configurable to any one
of four voltages provided by the BORV1:BORV0 config-
uration word bits.
Configuration bit, BODEN, can disable (if clear/pro-
grammed) or enable (if set) the Brown-out Reset cir-
cuitry. If VDD falls below the specified trippoint for
greater than parameter #35 in the electrical specifica-
tions section, the brown-out situation will reset the chip.
A reset may not occur if VDD falls below the trippoint for
less than parameter #35. The chip will remain in Brown-
out Reset until VDD rises above BVDD. The Power-up
Timer will be invoked at that point and will keep the chip
in RESET an additional 72 ms. If VDD drops below
BVDD while the Power-up Timer is running, the chip will
go back into a Brown-out Reset and the Power-up
Timer will be re-initialized. Once VDD rises above
BVDD, the Power-up Timer will again begin a 72 ms
time delay. Even though the PWRT is always enabled
when brown-out is enabled, the PWRT configuration
word bit should be cleared (enabled) when brown-out is
enabled.
Note 1: External Power-on Reset circuit is required
only if VDD power-up slope is too slow. The
diode D helps discharge the capacitor
quickly when VDD powers down.
2: R < 40 k
Ω is recommended to make sure
that voltage drop across R does not violate
the device’s electrical specification.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capacitor
C in the event of MCLR/VPP pin break-
down due to Electrostatic Discharge
(ESD) or Electrical Overstress (EOS).
C
R1
R
D
VDD
MCLR
PIC16C77X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com