Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 130Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 131Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 132Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 133Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 134Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 135Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 136Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 137Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 200 page
background image
PIC16C77X
DS30275A-page 134
Advance Information
© 1999 Microchip Technology Inc.
TABLE 12-6
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
W
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
773
774
N/A
N/A
N/A
TMR0
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
773
774
0000h
0000h
PC + 1(2)
STATUS
773
774
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
773
774
--0x 0000
--0u 0000
--uu uuuu
PORTB
773
774
xxxx 11xx
uuuu 11uu
uuuu uuuu
PORTC
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE
773
774
---- -000
---- -000
---- -uuu
PCLATH
773
774
---0 0000
---0 0000
---u uuuu
INTCON
773
774
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
773
774
r000 0000
r000 0000
ruuu uuuu(1)
773
774
0000 0000
0000 0000
uuuu uuuu(1)
PIR2
773
774
0--- 0--0
0--- 0--0
u--- u--u(1)
TMR1L
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
773
774
--00 0000
--uu uuuu
--uu uuuu
TMR2
773
774
0000 0000
0000 0000
uuuu uuuu
T2CON
773
774
-000 0000
-000 0000
-uuu uuuu
SSPBUF
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
773
774
0000 0000
0000 0000
uuuu uuuu
CCPR1L
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
773
774
--00 0000
--00 0000
--uu uuuu
RCSTA
773
774
0000 000x
0000 000x
uuuu uuuu
TXREG
773
774
0000 0000
0000 0000
uuuu uuuu
RCREG
773
774
0000 0000
0000 0000
uuuu uuuu
CCPR2L
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2H
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
773
774
--00 0000
--00 0000
--uu uuuu
ADRESH
773
774
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
773
774
0000 0000
0000 0000
uuuu uuuu
OPTION_REG
773
774
1111 1111
1111 1111
uuuu uuuu
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends
on condition
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the
interrupt vector (0004h).
3: See Table 12-5 for reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com