Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 56Page - STMicroelectronics LSM303AGR Datasheet HTML 57Page - STMicroelectronics LSM303AGR Datasheet HTML 58Page - STMicroelectronics LSM303AGR Datasheet HTML 59Page - STMicroelectronics LSM303AGR Datasheet HTML 60Page - STMicroelectronics LSM303AGR Datasheet HTML 61Page - STMicroelectronics LSM303AGR Datasheet HTML 62Page - STMicroelectronics LSM303AGR Datasheet HTML 63Page - STMicroelectronics LSM303AGR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Register description
LSM303AGR
60/68
DocID027765 Rev 5
8.35
OFFSET_X_REG_L_M (45h) and OFFSET_X_REG_H_M (46h)
These registers comprise a 16-bit register and represent X hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.36
OFFSET_Y_REG_L_M (47h) and OFFSET_Y_REG_H_M (48h)
These registers comprise a 16-bit register and represent Y hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.37
OFFSET_Z_REG_L_M (49h) and OFFSET_Z_REG_H_M (4Ah)
These registers comprise a 16-bit register and represent Z hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.38
WHO_AM_I_M (4Fh)
The identification register is used to identify the device (read-only register).
8.39
CFG_REG_A_M (60h)
The configuration register is used to configure the output data rate and the measurement
configuration.
Table 90. CFG_REG_A_M register
Table 91. CFG_REG_A_M register description
01000000
0
0
SOFT_RST
LP
ODR1
ODR0
MD1
MD0
SOFT_RST
When this bit is set, the configuration registers and user registers are reset. Flash
registers keep their values.
LP
Low-power mode enable. Default: 0
0: high-resolution mode 1: low-power mode enabled
ODR[1:0]
Output data rate configuration (see Table 92: Output data rate configuration)
MD[1:0]
Mode select bit. These bits select the mode of operation of the device (see
Table 93: System mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com