Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 60Page - STMicroelectronics LSM303AGR Datasheet HTML 61Page - STMicroelectronics LSM303AGR Datasheet HTML 62Page - STMicroelectronics LSM303AGR Datasheet HTML 63Page - STMicroelectronics LSM303AGR Datasheet HTML 64Page - STMicroelectronics LSM303AGR Datasheet HTML 65Page - STMicroelectronics LSM303AGR Datasheet HTML 66Page - STMicroelectronics LSM303AGR Datasheet HTML 67Page - STMicroelectronics LSM303AGR Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
DocID027765 Rev 5
65/68
LSM303AGR
Register description
68
8.48
OUTY_L_REG_M, OUTY_H_REG_M (6Ah - 6Bh)
The data output Y registers are two 8-bit registers, data output ch1 MSB register (6Bh) and
output Y LSB register (6Ah).
The output data represents the raw magnetic data only if OFFSET_Y_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 111. OUTY_L_REG_M register
Table 112. OUTY_H_REG_M register
The value of the magnetic field is expressed in two’s complement. This register contains the
Y component of the magnetic data.
8.49
OUTZ_L_REG_M, OUTZ_H_REG_M (6Ch - 6Dh)
The data output Zregisters are two 8-bit registers, data output ch1 MSB register (6Bh) and
output Z LSB register (6Ah).
The output data represents the raw magnetic data only if OFFSET_Z_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 113. OUTZ_L_REG_M register
Table 114. OUTZ_H_REG_M register
The value of the magnetic field is expressed in two’s complement. This register contains the
Z component of the magnetic data.
0
0
0
0
0000
0
0
0
0
0000
0
0
0
0
0000
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com