Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 19Page - STMicroelectronics LSM303AGR Datasheet HTML 20Page - STMicroelectronics LSM303AGR Datasheet HTML 21Page - STMicroelectronics LSM303AGR Datasheet HTML 22Page - STMicroelectronics LSM303AGR Datasheet HTML 23Page - STMicroelectronics LSM303AGR Datasheet HTML 24Page - STMicroelectronics LSM303AGR Datasheet HTML 25Page - STMicroelectronics LSM303AGR Datasheet HTML 26Page - STMicroelectronics LSM303AGR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
DocID027765 Rev 5
23/68
LSM303AGR
Functionality
68
Figure 5. Interrupt function
Two different approaches for the interrupt function are available:
Typical: comparison is between magnetic data read by the sensor and the
programmable threshold;
Advanced: comparison is made between magnetic data after hard-iron correction and
the programmable threshold.
These approaches are configurable by setting the INT_on_DataOFF bit in CFG_REG_B_M
(61h).
If INT_on_DataOFF is set to '0' the typical approach is selected, otherwise if it is set to '1'
the advanced approach is selected.
Two different interrupts are available:
Pulsed interrupt signal: it goes high when the magnetic data exceed one of the two
thresholds and goes low when the magnetic data are between the two thresholds. This
kind of interrupt is selected by setting the IEL bit in INT_CTRL_REG_M (63h) to '0'.
Latched interrupt signal: it goes high when the data exceed one of the two thresholds
but is reset only once the source register is read and not when the magnetic data
returns between the two thresholds. This kind of interrupt is selected by setting the IEL
bit in INT_CTRL_REG_M (63h) to '1'.
The interrupt signal polarity can be set using the IEA bit in INT_CTRL_REG_M (63h).
If IEA is set to '1' then the interrupt signal is active high, while if it is set to '0' the interrupt
signal is active low.
In order to drive the interrupt signal from the DRDY pad, the INT_MAG_PIN bit in
CFG_REG_C_M (62h) must be set to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com