Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 29Page - STMicroelectronics LSM303AGR Datasheet HTML 30Page - STMicroelectronics LSM303AGR Datasheet HTML 31Page - STMicroelectronics LSM303AGR Datasheet HTML 32Page - STMicroelectronics LSM303AGR Datasheet HTML 33Page - STMicroelectronics LSM303AGR Datasheet HTML 34Page - STMicroelectronics LSM303AGR Datasheet HTML 35Page - STMicroelectronics LSM303AGR Datasheet HTML 36Page - STMicroelectronics LSM303AGR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
DocID027765 Rev 5
33/68
LSM303AGR
Functionality
68
4.4.6
FIFO multiple read (burst)
Starting from Addr 28h multiple reads can be performed. Once the read reaches Addr 2Dh,
the system automatically restarts from Addr 28h.
Figure 9. FIFO multiple read
4.5
Temperature sensor
The LSM303AGR is supplied with an internal temperature sensor. Temperature data can be
enabled by setting the TEMP_EN[1:0] bits to ‘1’ in the TEMP_CFG_REG_A (1Fh) register.
To retrieve the temperature sensor data the BDU bit in CTRL_REG4_A (23h) must be set
to ‘1’.
Both the OUT_TEMP_L_A (0Ch), OUT_TEMP_H_A (0Dh) registers must be read.
Temperature data is stored inside OUT_TEMP_H as two’s complement data in 8-bit format
left-justified.
4.6
Factory calibration
The IC interface is factory calibrated for sensitivity (LA_So, M_GN), Zero-g level (LA_TyOff)
and Zero-gauss level (M_TyOff).
The trim values are stored inside the device in nonvolatile memory. Anytime the device is
turned on, the trim parameters are downloaded into the registers to be used during active
operation. This allows using the device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com