Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 26 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 22Page - STMicroelectronics LSM303AGR Datasheet HTML 23Page - STMicroelectronics LSM303AGR Datasheet HTML 24Page - STMicroelectronics LSM303AGR Datasheet HTML 25Page - STMicroelectronics LSM303AGR Datasheet HTML 26Page - STMicroelectronics LSM303AGR Datasheet HTML 27Page - STMicroelectronics LSM303AGR Datasheet HTML 28Page - STMicroelectronics LSM303AGR Datasheet HTML 29Page - STMicroelectronics LSM303AGR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Functionality
LSM303AGR
26/68
DocID027765 Rev 5
4.2
Accelerometer
4.2.1
Accelerometer power modes
The LSM303AGR accelerometer provides three different linear acceleration operating
modes: high-resolution mode, normal mode and low-power mode.
The table below summarizes how to select the different operating modes.
The turn-on time to transition to another operating mode is given in Table 14.
Table 13. Operating mode selection
Operating mode
CTRL_REG1_A[3]
(LPen bit)
CTRL_REG4_A[3]
(HR bit)
BW [Hz]
Turn-on
time [ms]
So @ ±2 g
[mg/digit]
Low-power mode
(8-bit data output)
1
0
ODR/2
1
16
Normal mode
(10-bit data output)
0
0
ODR/2
1.6
4
High-resolution mode
(12-bit data output)
0
1
ODR/9
7/ODR
1
Not allowed
1
1
--
--
--
Table 14. Turn-on time for operating mode transition
Operating mode change
Turn-on time
[ms]
12-bit mode to 8-bit mode
1/ODR
12-bit mode to 10-bit mode
1/ODR
10-bit mode to 8-bit mode
1/ODR
10-bit mode to 12-bit mode
7/ODR
8-bit mode to 10-bit mode
1/ODR
8-bit mode to 12-bit mode
7/ODR
Table 15. Current consumption of operating modes
Operating
mode [Hz]
Low-power mode
(8-bit data output)
[μA]
Normal mode
(10-bit data output)
[μA]
High resolution
(12-bit data output)
[μA]
12
2
2
10
3
4
4
25
4
6
6
50
6
11
11
100
10
20
20
200
18
38
38
400
36
73
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com