Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 11Page - STMicroelectronics LSM303AGR Datasheet HTML 12Page - STMicroelectronics LSM303AGR Datasheet HTML 13Page - STMicroelectronics LSM303AGR Datasheet HTML 14Page - STMicroelectronics LSM303AGR Datasheet HTML 15Page - STMicroelectronics LSM303AGR Datasheet HTML 16Page - STMicroelectronics LSM303AGR Datasheet HTML 17Page - STMicroelectronics LSM303AGR Datasheet HTML 18Page - STMicroelectronics LSM303AGR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
DocID027765 Rev 5
15/68
LSM303AGR
Module specifications
68
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (b).
2.3
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted.(b)
b. The product is factory calibrated at 2.5 V.The operational power supply range is from 1.71 V to 3.6 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs. temp.
1
digit/°C(2)
TODR
Temperature refresh rate
ODR(3)
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 8-bit resolution.
3. Refer to Table 34.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
3.6
V
Vdd_IO
Module power supply for I/O(2)
1.71
1.8
Vdd+0.1
V
LA_Idd_NM
Accelerometer current consumption
Magnetic sensor in power-down
mode.
50 Hz ODR in
normal mode
11
μA
1 Hz ODR in
normal mode
2
50 Hz ODR in
low-power mode
6
M_Idd_HR
Magnetic current consumption in
high-resolution mode
Accelerometer in power-down mode.
ODR = 20 Hz
200
μA
M_Idd_LP
Magnetic current consumption in
low-power mode
Accelerometer in power-down mode.
ODR = 20 Hz
50
μA
Idd_PD
Current consumption in power-down
1.5
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA
Vdd_IO - 0.2
V
VOL
Low-level output voltage
IOL = 4 mA
0.2
V
TOP
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication bus, in this condition the
measurement chain is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com