Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 9Page - STMicroelectronics LSM303AGR Datasheet HTML 10Page - STMicroelectronics LSM303AGR Datasheet HTML 11Page - STMicroelectronics LSM303AGR Datasheet HTML 12Page - STMicroelectronics LSM303AGR Datasheet HTML 13Page - STMicroelectronics LSM303AGR Datasheet HTML 14Page - STMicroelectronics LSM303AGR Datasheet HTML 15Page - STMicroelectronics LSM303AGR Datasheet HTML 16Page - STMicroelectronics LSM303AGR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DocID027765 Rev 5
13/68
LSM303AGR
Module specifications
68
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a).
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration
measurement range(2)
±2
g
±4
±8
±16
M_FS
Magnetic dynamic range
±49.152
gauss
LA_So
Linear acceleration sensitivity
FS = ±2 g and in normal mode
3.9
mg/LSB
FS = ±2 g and in high-resolution
mode
0.98
FS = ±2 g and in low-power mode
15.63
FS = ±4 g and in normal mode
7.82
FS = ±4 g and in high-resolution
mode
1.95
FS = ±4 g and in low-power mode
31.26
FS = ±8 g and in normal mode
15.63
FS = ±8 g and in high-resolution
mode
3.9
FS = ±8 g and in low-power mode
62.52
FS = ±16 g and in normal mode
46.9
FS = ±16 g and in high-resolution
mode
11.72
FS = ±16 g and in low-power mode
187.58
M_GN
Magnetic sensitivity
1.5
mgauss/
LSB
LA_TCSo
Linear acceleration sensitivity
change vs. temperature(3)
0.01
%/°C
LA_TyOff
Typical zero-g level offset
accuracy(4),(5)
±40
mg
M_TyOff
Magnetic sensor offset
With offset cancellation
0
gauss
Without offset cancellation
±1
LA_TCOff
Zero-g level change vs.
temp.(3)
Max. delta from 25 °C
±0.5
mg/°C
LA_An
Linear acceleration RMS
noise
ODR = 100 Hz, high-resolution
mode, FS = ±2 g
3
mg
(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com