Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 20Page - STMicroelectronics LSM303AGR Datasheet HTML 21Page - STMicroelectronics LSM303AGR Datasheet HTML 22Page - STMicroelectronics LSM303AGR Datasheet HTML 23Page - STMicroelectronics LSM303AGR Datasheet HTML 24Page - STMicroelectronics LSM303AGR Datasheet HTML 25Page - STMicroelectronics LSM303AGR Datasheet HTML 26Page - STMicroelectronics LSM303AGR Datasheet HTML 27Page - STMicroelectronics LSM303AGR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Functionality
LSM303AGR
24/68
DocID027765 Rev 5
4.1.4
Magnetometer hard-iron compensation
Hard-iron distortion occurs when a magnetic object is placed near the magnetometer and
appears as a permanent bias in the sensor’s outputs.
The hard-iron correction consists of compensating magnetic data from hard-iron distortion.
The operation is defined as follows:
Hout = Hread – HHI
where:
Hread is the generic uncompensated magnetic field data, as read by the sensor;
HHI is the hard-iron distortion field;
Hout is the compensated magnetic data.
The computation of the hard-iron distortion field should be performed by an external
processor. After the computation of the hard iron-distortion field has been performed, the
measured magnetic data can be compensated.
The LSM303AGR offers the possibility of storing hard-iron data inside six dedicated
registers from 45h to 4Ah.
Each register contains eight bits so that the hard-iron data can be expressed as a 16-bit
two’s complement number. The OFFSET_axis_REG_H registers contain the MSBs of the
hard-iron data, while the OFFSET_axis_REG_L registers contain the LSBs.
Hard-iron data have the same format and weight of the magnetic output data. The hard-iron
values stored in dedicated registers are automatically subtracted from the output data.
4.1.5
Magnetometer self-test
The self-test function is available for the magnetic sensor. When the magnetic self-test is
enabled, a current is forced into a coil inside the device. This current will generate a
magnetic field that will produce a variation of the magnetometer output signals. If the output
signals change within the amplitude limits specified in Table 3, then the sensor is working
properly and the parameters of the interface chip are within the defined specifications.
The self-test procedure is described in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com