Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 63 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 59Page - STMicroelectronics LSM303AGR Datasheet HTML 60Page - STMicroelectronics LSM303AGR Datasheet HTML 61Page - STMicroelectronics LSM303AGR Datasheet HTML 62Page - STMicroelectronics LSM303AGR Datasheet HTML 63Page - STMicroelectronics LSM303AGR Datasheet HTML 64Page - STMicroelectronics LSM303AGR Datasheet HTML 65Page - STMicroelectronics LSM303AGR Datasheet HTML 66Page - STMicroelectronics LSM303AGR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
DocID027765 Rev 5
63/68
LSM303AGR
Register description
68
8.43
INT_SOURCE_REG_M (64h)
When interrupt latched is selected, reading this register resets all the bits in this register.
Table 101. INT_SOURCE_REG_M register
Table 102. INT_SOURCE_REG_M register description
8.44
INT_THS_L_REG_M (65h)
This register contains the least significant bits of the threshold value chosen for the interrupt.
Table 103. INT_THS_L_REG_M register
Table 104. INT_THS_L_REG_M register description
8.45
INT_THS_H_REG_M (66h)
This register contains the most significant bits of the threshold value chosen for the
interrupt.
Table 105. INT_THS_H_REG_M register
Table 106. INT_THS_H_REG_M register description
These registers set the threshold value for the output to generate the interrupt (INT bit in
INT_SOURCE_REG_M (64h)). This threshold is common to all three (axes) output values
and is unsigned unipolar. The threshold value is correlated to the current gain and it is
unsigned because the threshold is considered as an absolute value, but crossing the
threshold is detected for both positive and negative sides.
P_TH_S_
X
P_TH_S_
Y
P_TH_S_
Z
N_TH_S_
X
N_TH_S_
Y
N_TH_S_
Z
MROI
INT
P_TH_S_X
X-axis value exceeds the threshold positive side
P_TH_S_Y
Y-axis value exceeds the threshold positive side
P_TH_S_Z
Z-axis value exceeds the threshold positive side
N_TH_S_X
X-axis value exceeds the threshold negative side
N_TH_S_Y
Y-axis value exceeds the threshold negative side
N_TH_S_Z
Z-axis value exceeds the threshold negative side
MROI
MROI flag generation is alway enabled.This flag is reset by reading
INT_SOURCE_REG_M (64h).
INT
This bit signals when the interrupt event occurs.
TH7
THS6
TH5
TH4
TH3
TH2
TH1
TH0
TH[7:0]
Threshold value for the interrupt.
TH7
THS6
TH5
TH4
TH3
TH2
TH1
TH0
TH[7:0]
Threshold value for the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com