Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 34Page - STMicroelectronics LSM303AGR Datasheet HTML 35Page - STMicroelectronics LSM303AGR Datasheet HTML 36Page - STMicroelectronics LSM303AGR Datasheet HTML 37Page - STMicroelectronics LSM303AGR Datasheet HTML 38Page - STMicroelectronics LSM303AGR Datasheet HTML 39Page - STMicroelectronics LSM303AGR Datasheet HTML 40Page - STMicroelectronics LSM303AGR Datasheet HTML 41Page - STMicroelectronics LSM303AGR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
Digital interfaces
LSM303AGR
38/68
DocID027765 Rev 5
(MSb) first. If a receiver can’t receive another complete byte of data until it has performed
some other function, it can hold the clock line SCL low to force the transmitter into a wait
state. Data transfer only continues when the receiver is ready for another byte and releases
the data line. If a slave receiver doesn’t acknowledge the slave address (i.e. it is not able to
receive because it is performing some real-time function) the data line must be left high by
the slave. The master can then abort the transfer. A low-to-high transition on the SDA line
while the SCL line is high is defined as a STOP condition. Each data transfer must be
terminated by the generation of a STOP (SP) condition.
In the presented communication format MAK is Master acknowledge and NMAK is No
Master Acknowledge.
Default address:
The accelerometer sensor slave address is 0011001b while magnetic sensor slave address
is 0011110b.
The slave addresses are completed with a Read/Write bit. If the bit was ‘1’ (Read), a
repeated START (SR) condition must be issued after the two sub-address bytes. If the bit is
‘0’ (Write) the master will transmit to the slave with direction unchanged. Table 23 and
Table 24 explain how the SAD+Read/Write bit patterns are composed, listing all the
possible configurations.
Linear acceleration sensor: the default (factory setting) 7-bit slave address is
0011001b.
Table 23. SAD + Read/Write patterns
Magnetic field sensor: the default (factory setting) 7-bit slave address is 0011110b.
Table 24. SAD + Read/Write patterns
6.2
SPI bus interface
The LSM303AGR SPI is a bus slave. The SPI allows writing and reading the registers of the
device.
The serial interface interacts with the application using 3 wires: CS_XL or CS_MAG, SPC,
SDI/O.
Command
SAD[6:0]
R/W
SAD + R/W
Read
0011001
1
00110011 (33h)
Write
0011001
0
00110010 (32h)
Command
SAD[6:0]
R/W
SAD + R/W
Read
0011110
1
00111101 (3Dh)
Write
0011110
0
00111100 (3Ch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com