Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 10Page - STMicroelectronics LSM303AGR Datasheet HTML 11Page - STMicroelectronics LSM303AGR Datasheet HTML 12Page - STMicroelectronics LSM303AGR Datasheet HTML 13Page - STMicroelectronics LSM303AGR Datasheet HTML 14Page - STMicroelectronics LSM303AGR Datasheet HTML 15Page - STMicroelectronics LSM303AGR Datasheet HTML 16Page - STMicroelectronics LSM303AGR Datasheet HTML 17Page - STMicroelectronics LSM303AGR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Module specifications
LSM303AGR
14/68
DocID027765 Rev 5
M_R
Magnetic RMS noise(6)
High-performance mode
3
mgauss
(RMS)
LA_ST
Linear acceleration self-test
positive difference(7) (8) (9)
FS = ±2 g; normal mode
17
360
LSB
M_ST
Magnetic self-test(10)
15
500
mgauss
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Verified by wafer level test and measurement of initial offset and sensitivity.
3. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited
number of samples, not measured during final test for production.
4. Typical zero-g level offset value after MSL3 preconditioning.
5. Offset can be eliminated by enabling the built-in high-pass filter.
6. With low-pass filter or offset cancellation enabled.
7. The sign of “Self-test output change” is defined by the ST bit in CTRL_REG4_A (23h), for all axes.
8. “Self-test output change” is defined as the absolute value of:
OUTPUT[LSb](Self-test enabled) - OUTPUT[LSb](Self-test disabled). 1LSb=4mg at 10bit representation, ±2 g full scale.
9. After enabling the ST bit, correct data is obtained after two samples (low-power mode / normal mode) or after eight samples
(high-resolution mode).
10. Magnetic “self-test” is defined as: OUTPUT[gauss](Self-test enabled) - OUTPUT[gauss](Self-test disabled).
Table 3. Sensor characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com