Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 39Page - STMicroelectronics LSM303AGR Datasheet HTML 40Page - STMicroelectronics LSM303AGR Datasheet HTML 41Page - STMicroelectronics LSM303AGR Datasheet HTML 42Page - STMicroelectronics LSM303AGR Datasheet HTML 43Page - STMicroelectronics LSM303AGR Datasheet HTML 44Page - STMicroelectronics LSM303AGR Datasheet HTML 45Page - STMicroelectronics LSM303AGR Datasheet HTML 46Page - STMicroelectronics LSM303AGR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
DocID027765 Rev 5
43/68
LSM303AGR
Register mapping
68
INT1_CFG_A
R/W
30
011 0000
00000000
Interrupt 1 registers
INT1_SRC_A
R
31
011 0001
00000000
INT1_THS_A
R/W
32
011 0010
00000000
INT1_DURATION_A
R/W
33
011 0011
00000000
INT2_CFG_A
R/W
34
011 0100
00000000
Interrupt 2 registers
INT2_SRC_A
R
35
011 0101
00000000
INT2_THS_A
R/W
36
011 0110
00000000
INT2_DURATION_A
R/W
37
011 0111
00000000
CLICK_CFG_A
R/W
38
011 1000
00000000
CLICK_SRC_A
R
39
011 1001
00000000
CLICK_THS_A
R/W
3A
011 1010
00000000
TIME_LIMIT_A
R/W
3B
011 1011
00000000
TIME_LATENCY_A
R/W
3C
011 1100
00000000
TIME_WINDOW_A
R/W
3D
011 1101
00000000
Act_THS_A
R/W
3E
011 1110
00000000
Act_DUR_A
R/W
3F
011 1111
00000000
RESERVED
40-44
OFFSET_X_REG_L_M
R/W
45
01000101
00000000
Magnetometer
hard-iron registers
OFFSET_X_REG_H_M
R/W
46
01000110
00000000
OFFSET_Y_REG_L_M
R/W
47
01000111
00000000
OFFSET_Y_REG_H_M
R/W
48
01001000
00000000
OFFSET_Z_REG_L_M
R/W
49
01001001
00000000
OFFSET_Z_REG_H_M
R/W
4A
01001010
00000000
RESERVED
4B-4C
WHO_AM_I_M
R
4F
01001111
01000000
RESERVED
50-5F
CFG_REG_A_M
R/W
60
01100000
00000011
Magnetometer
configuration registers
CFG_REG_B_M
R/W
61
01100001
00000000
CFG_REG_C_M
R/W
62
01100010
00000000
INT_CRTL_REG_M
R/W
63
01100011
11100000
Magnetometer
interrupt configuration
registers
INT_SOURCE_REG_M
R
64
01100100
INT_THS_L_REG_M
R/W
65
01100101
00000000
INT_THS_H_REG_M
R/W
66
01100110
00000000
Table 25. Register address map (continued)
Name
Type(1)
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com