Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 8Page - STMicroelectronics LSM303AGR Datasheet HTML 9Page - STMicroelectronics LSM303AGR Datasheet HTML 10Page - STMicroelectronics LSM303AGR Datasheet HTML 11Page - STMicroelectronics LSM303AGR Datasheet HTML 12Page - STMicroelectronics LSM303AGR Datasheet HTML 13Page - STMicroelectronics LSM303AGR Datasheet HTML 14Page - STMicroelectronics LSM303AGR Datasheet HTML 15Page - STMicroelectronics LSM303AGR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Block diagram and pin description
LSM303AGR
12/68
DocID027765 Rev 5
Table 2. Pin description
Pin#
Name
Function
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
2
CS_XL
Accelerometer: SPI enable
I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled
3
CS_MAG
Magnetometer: SPI enable
I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
C1
Capacitor connection (C1 = 220 nF)
6
GND
Connected to GND
7
INT_MAG/DRDY Magnetometer interrupt/data-ready signal
8
GND
0 V
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11
INT_2_XL
Accelerometer interrupt 2
12
INT_1_XL
Accelerometer interrupt 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com