Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGR Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 58Page - STMicroelectronics LSM303AGR Datasheet HTML 59Page - STMicroelectronics LSM303AGR Datasheet HTML 60Page - STMicroelectronics LSM303AGR Datasheet HTML 61Page - STMicroelectronics LSM303AGR Datasheet HTML 62Page - STMicroelectronics LSM303AGR Datasheet HTML 63Page - STMicroelectronics LSM303AGR Datasheet HTML 64Page - STMicroelectronics LSM303AGR Datasheet HTML 65Page - STMicroelectronics LSM303AGR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
Register description
LSM303AGR
62/68
DocID027765 Rev 5
8.41
CFG_REG_C_M (62h)
Table 97. CFG_REG_C_M register
Table 98. CFG_REG_C_M register description
8.42
INT_CTRL_REG_M (63h)
The interrupt control register is used to enable and to configure the interrupt recognition.
Table 99. INT_CRTL_REG_M register
Table 100. INT_CTRL_REG_M register description
0
INT_MAG
_PIN
I2C_DIS
BDU
BLE
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
Self_test
INT_MAG
INT_MAG_PIN
If '1', the INTERRUPT signal (INT bit inside INT_SOURCE_REG_M (64h)) is
driven on INT_MAG_PIN
I2C_DIS
If ‘1’, the I2C interface is inhibited. Only the SPI interface can be used.
BDU
If enabled, reading of incorrect data is avoided when the user reads asynchro-
nously. In fact if the read request arrives during an update of the output data, a
latch is possible, reading incoherent high and low parts of the same register. Only
one part is updated and the other one remains old.
BLE
If ‘1’, an inversion of the low and high parts of the data occurs.
Self_test
If ‘1’, the self-test is enabled.
INT_MAG
If ‘1’, the DRDY pin is configured as a digital output.
XIEN
YIEN
ZIEN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
IEA
IEL
IEN
XIEN
Enables the interrupt recognition for the X-axis. Default: 0
1: enabled; 0: disabled.
YIEN
Enables the interrupt recognition for the Y-axis. Default: 0
1: enabled; 0: disabled.
ZIEN
Enables the interrupt recognition for the Z-axis. Default: 0
1: enabled; 0: disabled.
IEA
Controls the polarity of the INT bit (INT_SOURCE_REG_M (64h)) when an interrupt
occurs. Default: 0
If IEA = 0, then INT = 0 signals an interrupt
If IEA = 1, then INT = 1 signals an interrupt
IEL
Controls whether the INT bit (INT_SOURCE_REG_M (64h)) is latched or pulsed.
Default: 0
If IEL = 0, then INT is pulsed.
If IEL = 1, then INT is latched.
Once latched, INT remains in the same state until INT_SOURCE_REG_M (64h) is read.
IEN
Interrupt enable. When set, enables the interrupt generation. The INT bit
is in INT_SOURCE_REG_M (64h). Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com