Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 31Page - Infineon Technologies AG PEB2256HT Datasheet HTML 32Page - Infineon Technologies AG PEB2256HT Datasheet HTML 33Page - Infineon Technologies AG PEB2256HT Datasheet HTML 34Page - Infineon Technologies AG PEB2256HT Datasheet HTML 35Page - Infineon Technologies AG PEB2256HT Datasheet HTML 36Page - Infineon Technologies AG PEB2256HT Datasheet HTML 37Page - Infineon Technologies AG PEB2256HT Datasheet HTML 38Page - Infineon Technologies AG PEB2256HT Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
35
2002-08-27
5
C1
XL2
O (analog)
Transmit Line 2
Analog output for the external transformer.
Selected if LIM1.DRS is cleared. After reset
this pin is in high-impedance state until bit
FMR0.XC1 is set and XPM2.XLT is cleared.
XDON
O
Transmit Data Output Negative
This digital output for transmitted dual-rail
PCM(-) route signals can provide
- half bauded signals with 50% duty cycle
(LIM0.XFB = 0) or
- full bauded signals with 100% duty cycle
(LIM0.XFB = 1)
The data is clocked on positive transitions of
XCLK in both cases. Output polarity is selected
by bit LIM0.XDOS (after reset: active low).
The dual-rail mode is selected if LIM1.DRS
and FMR0.XC1 are set. After reset this pin is in
high-impedance state until register LIM1.DRS
is set and XPM2.XLT cleared.
XFM
O
Transmit Frame Marker
This digital output marks the first bit of every
frame transmitted on port XDOP. This function
is only available in the optical interface mode
(LIM1.DRS = 1 and FMR0.XC1 = 0). Data is
clocked on positive transitions of XCLK. After
reset this pin is in high-impedance state until
register LIM1.DRS is set and XPM2.XLT
cleared.
In remote loop configuration the XFM marker is
not valid.
Table 2
Pin Definitions - Line Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com