Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 41Page - Infineon Technologies AG PEB2256HT Datasheet HTML 42Page - Infineon Technologies AG PEB2256HT Datasheet HTML 43Page - Infineon Technologies AG PEB2256HT Datasheet HTML 44Page - Infineon Technologies AG PEB2256HT Datasheet HTML 45Page - Infineon Technologies AG PEB2256HT Datasheet HTML 46Page - Infineon Technologies AG PEB2256HT Datasheet HTML 47Page - Infineon Technologies AG PEB2256HT Datasheet HTML 48Page - Infineon Technologies AG PEB2256HT Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
45
2002-08-27
60
61
62
63
B8
A9
A8
B7
XPA
XPB
XPC
XPD
I + PU
Synchronous Pulse Transmit (SYPX)
PC(1:4).XPC(3:0) = 0000
Together with the values of registers XC(0:1)
this signal defines the beginning of time slot 0
at system highway port XDI .
The pulse cycle is an integer multiple of
125
µs.
SYPX must not be used in parallel with XMFS.
I + PU
Transmit Multiframe Synchronization
(XMFS)
PC(1:4).XPC(3:0) = 0001
This port defines the frame and multiframe
begin on the transmit system interface ports
XDI and XSIG.
Depending on PC5.CXMFS the signal on
XMFS is active high or low.
XMFS must not be used in parallel with SYPX.
Note: A new multiframe position has settled at
least one multiframe after pulse XMFS
has been supplied.
I + PU
Transmit Signaling Data (XSIG)
PC(1:4).XPC(3:0) = 0010
Input for transmit signaling data received from
the signaling highway. Optionally,
(SIC3.TTRF = 1), sampling of XSIG data is
controlled by the active high XSIGM marker. At
higher data rates sampling of data is defined by
bits SIC2.SICS(2:0).
Table 4
Pin Definitions - System Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com