Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 80Page - Infineon Technologies AG PEB2256HT Datasheet HTML 81Page - Infineon Technologies AG PEB2256HT Datasheet HTML 82Page - Infineon Technologies AG PEB2256HT Datasheet HTML 83Page - Infineon Technologies AG PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG PEB2256HT Datasheet HTML 87Page - Infineon Technologies AG PEB2256HT Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
84
2002-08-27
For transmit direction, contents of time slot 0 are additionally determined by the selected
transparent mode.
The CRC procedure is automatically invoked when the multiframe structure is enabled.
CRC errors in the received data stream are counted by the 16-bit CRC Error Counter
CEC (one error per submultiframe, maximum).
Additionally a CRC4 error interrupt status ISR0.CRC4 is generated if enabled by
IMR0.CRC4.
All CRC bits of one outgoing submultiframe are automatically inverted in case a CRC
error is flagged for the previous received submultiframe. This function is enabled by bit
RC0.CRCI. Setting of bit RC0.XCRCI inverts the CRC bits before transmission to the
distant end. The function of RC0.XCRCI and RC0.CRCI are logically ored.
4.2.3.1
Synchronization Procedure
Multiframe alignment is assumed to have been lost if doubleframe alignment has been
lost (flagged on status bit FRS0.LFA). The rising edge of this bit causes an interrupt.
The multiframe resynchronization procedure starts when Doubleframe alignment has
been regained which is indicated by an interrupt status bit ISR2.FAR. For Doubleframe
synchronization refer to section Doubleframe Format. It is also be invoked by the user
by setting
• bit FMR0.FRS for complete doubleframe and multiframe resynchronization
• bit FMR1.MFCS for multiframe resynchronization only.
The CRC checking mechanism is enabled after the first correct multiframe pattern has
been found. However, CRC errors are not counted in asynchronous state.
Table 19
Transmit Transparent Mode (CRC Multiframe E1)
Transmit Transparent Source for
enabled by
Framing +
CRC
A-Bit
S
a-Bits
E-Bits
–
XSP.TT0
TSWM.TSIF
TSWM.TSIS
TSWM.TRA
TSWM.TSA(8:4)
(int. gen.)
via pin XDI
1)
via pin XDI
via pin XDI
(int. gen.)
(int. gen.)
1)
pin XDI or XSIG or XFIFO buffer (signaling controller)
XSW.XRA
2)
via pin XDI
XSW.XRA
1)
XSW.XRA
1)
via pin XDI
XSW.XRA
1)
2)
Automatic transmission of the A-bit is selectable
XSW.XY0 … 4
3)
via pin XDI
XSW.XY0 … 42)
XSW.XY0 … 42)
XSW.XY0 … 42)
via pin XDI
3)
The S
a-bit register XSA(8:4) can be used optionally
XSP.XS13/XS15
4)
via pin XDI
(int. generated)
via pin XDI
XSP.XS13/XS15
3)
XSP.XS13/XS15
3)
4)
Additionally, automatic transmission of submultiframe error indication is selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com