Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 91Page - Infineon Technologies AG PEB2256HT Datasheet HTML 92Page - Infineon Technologies AG PEB2256HT Datasheet HTML 93Page - Infineon Technologies AG PEB2256HT Datasheet HTML 94Page - Infineon Technologies AG PEB2256HT Datasheet HTML 95Page - Infineon Technologies AG PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
95
2002-08-27
4.4.2
Transmit Line Interface (E1)
The analog transmitter transforms the unipolar bit stream to ternary (alternate bipolar)
return to zero signals of the appropriate programmable shape. The unipolar data is
provided by the digital transmitter.
Figure 23
Transmitter Configuration (E1)
Similar to the receive line interface three different data types are supported:
• Ternary Signal
Single-rail data is converted into a ternary signal which is output on pins XL1 and XL2.
The HDB3 and AMI line code is employed. Selected by FMR0.XC1/0 and
LIM1.DRS = 0.
• Dual-rail data PCM(+), PCM(–) at multifunction ports XDOP/XDON with 50% or 100%
duty cycle and with programmable polarity. Line coding is done in the same way as in
ternary interface mode. Selected by FMR0.XC1/0 and LIM1.DRS = 1.
• Unipolar data on port XOID is transmitted either in NRZ (Non Return to Zero) with
100% duty cycle or in CMI (Code Mark Inversion or known as 1T2B) Code with or
without (FMR3.CMI) preprocessed HDB3 coding to a fiber-optical interface. Clocking
off data is done with the rising edge of the transmit clock XCLK (2048 kHz) and with
a programmable polarity. Selection is done by FMR0.XC1 = 0 and LIM1.DRS = 1.
Table 21
Recommended Transmitter Configuration Values (E1)
Parameter
Characteristic Impedance [
Ω]
120
75
R
1 (± 1%) [Ω]7.5
1)
1)
This value refers to an ideal transformer without any parasitics. Any transformer resistance or other parasitic
resistances have to be taken into account when calculating the final value of the output serial resistors.
7.5
1)
t2 : t1
1 : 2.4
1 : 2.4
ITS10968
Line
t 1
t 2
XL2
XL1
R1
1
R
FALC
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com