Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 94Page - Infineon Technologies AG PEB2256HT Datasheet HTML 95Page - Infineon Technologies AG PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
98
2002-08-27
• Clock adaption between system clock (SCLKX) and internally generated transmit
route clock (XCLK).
• Compensation of input wander and jitter.
• Frame alignment between system frame and transmit route frame
• Reporting and controlling of slips
Writing of received data from XDI is controlled by SCLKX/R and SYPX/XMFS in
combination with the programmed offset values for the transmit time slot/clock slot
counters. Reading of stored data is controlled by the clock generated by DCO-X circuitry
or the externally generated TCLK and the transmit framer. With the de-jittered clock data
is read from the transmit elastic buffer and are forwarded to the transmitter. Reporting
and controlling of slips is done according to the receive direction. Positive/negative slips
are reported in interrupt status bits ISR4.XSP and ISR4.XSN. If the transmit buffer is
bypassed data is directly transferred to the transmitter.
The following table gives an overview of the transmit buffer operating modes.
4.4.5
Programmable Pulse Shaper (E1)
The analog transmitter includes a programmable pulse shaper to satisfy the
requirements of ITU-T I.431. The amplitude and shape of the transmit pulses are
completely programmable by registers XPM(2:0).
The transmitter requires an external step up transformer to drive the line.
4.4.6
Transmit Line Monitor (E1)
The transmit line monitor compares the transmit line current on XL1 and XL2 with an on-
chip transmit line current limiter. The monitor detects faults on the primary side of the
transformer indicated by a highly increased transmit line current (more than 120 mA for
at least 3 consecutive pulses sourced by V
DDX
1)) and protects the device from damage
by setting the transmit line driver XL1/2 into high-impedance state automatically (if
enabled by XPM2.DAXLT = 0). The current limiter checks the actual current value of
Table 22
Transmit Buffer Operating Modes (E1)
SIC1.XBS(1:0)
Buffer Size
TS Offset
programming
Slip performance
00
bypass
enabled
no
11
short buffer
enabled
yes
01
1 frame
enabled
yes
10
2 frames
enabled
yes
1)
shorts between XL1 or XL2 and V
DDX are not detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com