Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG PEB2256HT Datasheet HTML 105Page - Infineon Technologies AG PEB2256HT Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
102
2002-08-27
4.5
System Interface in E1 Mode
The FALC56 offers a flexible feature for system designers where for transmit and receive
direction different system clocks and system pulses are necessary. The interface to the
receive system highway is realized by two data buses, one for the data RDO and one for
the signaling data RSIG. The receive highway is clocked on pin SCLKR, while the
interface to the transmit system highway is independently clocked on pin SCLKX. The
frequency of these working clocks and the data rate of 2.048/4.096/8.192/16.384 Mbit/s
for the receive and transmit system interface is programmable by SIC1.SSC1/0, and
SIC1.SSD1, FMR1.SSD0. Selectable system clock and data rates and their valid
combinations are shown in the table below
x = valid, -- = invalid
Generally the data or marker on the system interface are clocked off or latched on the
rising or falling edge (SIC3.RESR/X) of the SCLKR/X clock. Some clocking rates allow
transmission of time slots in different channel phases. Each channel phase which shall
be active on ports RDO, XDI, RP(A:D) and XP(A:D) is programmable by SIC2.SICS(2:0),
the remaining channel phases are cleared or ignored.
The signals on pin SYPR together with the assigned time slot offset in register RC0 and
RC1 define the beginning of a frame on the receive system highway.The signal on pin
SYPX or XMFS together with the assigned time slot offset in register XC0 and XC1
define the beginning of a frame on the transmit system highway.
Adjusting the frame begin (time slot 0, bit 0) relative to SYPR/X or XMFS is possible in
the range of 0 to 125 µs. The minimum shift of varying the time slot 0 begin can be
programmed between 1 bit and 1/8 bit depending of the system clocking and data rate,
e.g. with a clocking/data rate of 2.048 MHz shifting is done bit by bit, while running the
FALC56 with 16.384 MHz and 2.048 Mbit/s data rate it is done by 1/8 bit.
A receive frame marker RFM can be activated during any bit position of the entire frame.
Programming is done with registers RC1/0. The pin function RFM is selected by
PC(4:1).RPC(2:0) = 001. The RFM selection disables the internal time slot assigner, no
offset programming is performed. The receive frame marker is active high for one
Table 23
System Clocking and Data Rates (E1)
System Data Rate
Clock Rate
2.048 MHz
Clock Rate
4.096 MHz
Clock Rate
8.192 MHz
Clock Rate
16.384 MHz
2.048 Mbit/s
x
x
x
x
4.096 Mbit/s
--
x
x
x
8.192 Mbit/s
--
--
x
x
16.384 Mbit/s
--
--
--
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com