| Electronic Components Datasheet Search |
|
PEB2256HT Datasheet(PDF) 91 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT Datasheet(HTML) 91 Page - Infineon Technologies AG |
|
91 / 490 page ![]() FALC56 V1.2 PEB 2256 Functional Description E1 Data Sheet 91 2002-08-27 4.3.2 Auto Modes • Automatic remote alarm access If the receiver has lost its synchronization a remote alarm can be sent automatically, if enabled by bit FMR2.AXRA to the distant end. The remote alarm bit is set automatically in the outgoing data stream, if the receiver is in asynchronous state (FRS0.LFA bit is set). In synchronous state the remote alarm bit is removed. • Automatic E-bit access By setting bit XSP.AXS status information of received submultiframes is automatically inserted at the E-bit position of the outgoing CRC Multiframe without any further interventions of the microprocessor. • Automatic AIS to system interface In asynchronous state the synchronizer enforces an AIS to the receive system interface automatically. However, received data can be switched through transparently, if bit FMR2.DAIS is set. • Automatic clock source switching In slave mode (LIM0.MAS = 0) the DCO-R synchronizes to the recovered route clock. In case of loss-of-signal (LOS) the DCO-R switches to Master mode automatically. If bit CMR1.DCS is set, automatic switching from RCLK to SYNC is disabled. • Automatic freeze signaling: Updating of the received signaling information is controlled by the freeze signaling status. The freeze signaling status is automatically activated if a loss-of-signal or a Remote Alarm in time slot 16 (TS16RA) Y-bit = 1 received in CAS multiframe alignment word Y-bit = 0 received in CAS multiframe alignment word Loss-of-Signal in time slot 16 (TS16LOS) all zeros for at least 16 consecutively received time slots 16 receiving a one in time slot 16 Alarm Indication Signal in time slot 16 (TS16AIS) time slot 16 containing less than 4 zeros in each of two consecutive CAS multiframes periods time slot 16 containing more than 3 zeros in one CAS multiframe Transmit Line Short (XLS) more than 3 pulse periods with highly increased transmit line current on XL1/2 transmit line current limiter inactive Transmit Ones- Density (XLO) 32 consecutive zeros in the transmit data stream on XL1/2 Cleared with each transmitted pulse Table 20 Summary of Alarm Detection and Release (E1) (cont’d) Alarm Detection Condition Clear Condition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |