| Electronic Components Datasheet Search |
|
PEB2256HT Datasheet(PDF) 94 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT Datasheet(HTML) 94 Page - Infineon Technologies AG |
|
94 / 490 page ![]() FALC56 V1.2 PEB 2256 Functional Description E1 Data Sheet 94 2002-08-27 4.4 Transmit Path in E1 Mode 4.4.1 Transmitter (E1) The serial bit stream is processed by the transmitter which has the following functions: • Frame/multiframe synthesis of one of the two selectable framing formats • Insertion of service and data link information • AIS generation (Alarm indication signal) • Remote alarm generation • CRC generation and insertion of CRC bits • CRC bits inversion in case of a previously received CRC error • Idle code generation per DS0 The frame/multiframe boundaries of the transmitter can be externally synchronized by using the SYPX/XMFS pin. Any change of the transmit time slot assignment subsequently produces a change in the framing bit positions on the line side. This feature is required if signaling and service bits are routed through the switching network and are inserted in transmit direction by the system interface. In loop-timed configuration (LIM2.ELT = 1) disconnecting the control of the transmit system highway from the transmitter is done by setting XSW.XTM. The transmitter is now in a free running mode without any possibility to update the multiframe position in case of changing the transmit time slot assignment. The framing bits are generated independently of the transmit system interface. For proper operation the transmit elastic buffer size should be programmed to 2 frames. The contents of selectable time slots can be overwritten by the pattern defined by register IDLE. The selection of “idle channels” is done by programming the four-byte registers ICB1…ICB4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |