Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2256HT Datasheet(PDF) 103 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 103 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG PEB2256HT Datasheet HTML 105Page - Infineon Technologies AG PEB2256HT Datasheet HTML 106Page - Infineon Technologies AG PEB2256HT Datasheet HTML 107Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
103
2002-08-27
2.048 MHz cycle and is clocked off with the rising or falling edge of the clock which is in/
output on port SCLKR (see SIC3.RESR/X).
Compared to the receive path the inverse functions are performed for the transmit
direction.
The interface to the transmit system highway is realized by two data buses, one for the
data XDI and one for the signaling data XSIG. The time slot assignment is equivalent to
the receive direction.
Latching of data is controlled by the system clock (SCLKX) and the synchronization
pulse (SYPX/XMFS) in combination with the programmed offset values for the transmit
time slot/clock slot counters XC1/0. The frequency of the working clock of 2.048/4.096/
8.192/16.384 MHz for the transmit system interface is programmable by SIC1.SSC1/0.
Refer also toTable 23.
The received bit stream on ports XDI and XSIG can be multiplexed internally on a time
slot basis, if enabled by SIC3.TTRF = 1. The data received on port XSIG can be sampled
if the transmit signaling marker XSIGM is active high. Data on port XDI is sampled if
XSIGM is low for the corresponding time slot. Programming the XSIGM marker is done
with registers TTR(4:1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com