Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 70Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 71Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 72Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 73Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 74Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 75Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 76Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 77Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
74
AT90S/LS4433
1042H–AVR–04/03
controlled by DDB2. When the pin is forced to be an input, the pull-up can still be con-
trolled by the PORTB2 bit. See the description of the SPI port for further details.
• OC1 – Port B, Bit 1
OC1, Output Compare Match output: PB1 pin can serve as an external output for the
Timer/Counter1 Output Compare. The pin has to be configured as an output (DDB1 set
[one]) to serve this function. See the timer description on how to enable this function.
The OC1 pin is also the output pin for the PWM mode timer function.
• ICP – Port B, Bit 0
ICP, Input Capture Pin: PB0 pin can serve as an external input for the Timer/Counter1
input capture. The pin has to be configured as an input (DDB0 cleared [zero]) to serve
this function. See the timer description on how to enable this function.
Figure 50. Port B Schematic Diagram (Pin PB0)
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PB0
R
R
WP:
WD:
RL:
RP:
RD:
ACIC:
ACO:
WRITE PORTB
WRITE DDRB
READ PORTB LATCH
READ PORTB PIN
READ DDRB
COMPARATOR IC ENABLE
COMPARATOR OUTPUT
DDB6
PORTB0
NOISE CANCELER
EDGE SELECT
ICF1
ICNC1
ICES1
0
1
ACIC
ACO
RL
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com