Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 30Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 31Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 32Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 33Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 34Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 35Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 37Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 126 page
background image
34
AT90S/LS4433
1042H–AVR–04/03
Figure 31. Timer/Counter0 Block Diagram
Timer/Counter0 Control
Register – TCCR0
• Bits 7 – 3 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
• Bits 2, 1, 0 – CS02, CS01, CS00: Clock Select0, Bits 2, 1, and 0
The Clock Select0 bits 2, 1, and 0 define the prescaling source of Timer/Counter0.
T0
Bit
7
6
5
4
3
210
$33 ($53)
–
–
–
–
–
CS02
CS01
CS00
TCCR0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 9. Clock 0 Prescale Select
CS02
CS01
CS00
Description
0
0
0
Stop, Timer/Counter0 is stopped.
00
1
CK
01
0
CK/8
01
1
CK/64
1
0
0
CK/256
1
0
1
CK/1024
1
1
0
External Pin T0, falling edge
1
1
1
External Pin T0, rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com