Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 21Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 22Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 23Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 24Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 25Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 26Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 27Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 28Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
25
AT90S/LS4433
1042H–AVR–04/03
Brown-out Detection
AT90S4433 has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC
level during the operation. The power supply must be decoupled with a 47 nF to 100 nF
capacitor if the BOD function is used. The BOD circuit can be enabled/disabled by the
fuse BODEN. When BODEN is enabled (BODEN programmed), and V
CC decreases to a
value below the trigger level, the Brown-out Reset is immediately activated. When V
CC
increases above the trigger level, the Brown-out Reset is deactivated after a delay. The
delay is defined by the user in the same way as the delay of POR signal (see Table 5).
The trigger level for the BOD can be selected by the fuse BODLEVEL to be 2.7V
(BODLEVEL unprogrammed), or 4.0V (BODLEVEL programmed). The trigger level has
a hysteresis of 50 mV to ensure spike-free Brown-out Detection.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level
for longer than 3 µs for trigger level 4.0V, 7 µs for trigger level 2.7V (typical values).
Figure 28. Brown-out Reset during Operation
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one XTAL cycle
duration. On the falling edge of this pulse, the delay timer starts counting the Time-out
period (t
TOUT). See page 43 for details on operation of the Watchdog.
Figure 29. Watchdog Reset during Operation
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com