Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 55Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 56Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 57Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 58Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 59Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 60Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 61Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 62Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
59
AT90S/LS4433
1042H–AVR–04/03
• Bit 3 – TXEN: Transmitter Enable
This bit enables the UART Transmitter when set (one). When disabling the Transmitter
while transmitting a character, the Transmitter is not disabled before the character in the
Shift Register plus any following character in UDR has been completely transmitted.
• Bit 2 – CHR9: 9-bit Characters
When this bit is set (one), transmitted and received characters are nine bits long, plus
start and stop bits. The ninth bit is read and written by using the RXB8 and TXB8 bits in
UCSRB, respectively. The ninth data bit can be used as an extra stop bit or a parity bit.
• Bit 1 – RXB8: Receive Data Bit 8
When CHR9 is set (one), RXB8 is the ninth data bit of the received character.
• Bit 0 – TXB8: Transmit Data Bit 8
When CHR9 is set (one), TXB8 is the ninth data bit in the character to be transmitted.
Baud Rate Generator
The Baud Rate Generator is a frequency divider, which generates baud rates according
to the following equation:
•
BAUD = Baud Rate
•f
CK= Crystal Clock frequency
•
UBR = Contents of the UBRRHI and UBRR Registers, (0 - 4095)
For standard crystal frequencies, the most commonly used baud rates can be generated
by using the UBR settings in Table 19. UBR values that yield an actual baud rate differ-
ing less than 2% from the target baud rate are boldface in the table. However, using
baud rates that have more than 1% error is not recommended. High error ratings give
less noise resistance.
BAUD
fCK
16(UBR 1
)
+
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com