Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 63Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 64Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 65Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 66Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 67Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 68Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 69Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 70Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 126 page
background image
67
AT90S/LS4433
1042H–AVR–04/03
Figure 47. ADC Timing Diagram, Single Conversion
Figure 48. ADC Timing Diagram, Free Run Conversion
ADC Noise Canceler
Function
The ADC features a Noise Canceler that enables conversion during Idle mode to reduce
noise induced from the CPU core. To make use of this feature, the following procedure
should be used:
1.
Make sure that the ADC is enabled and is not busy converting. Single Conver-
sion mode must be selected and the ADC conversion complete interrupt must be
enabled. Thus:
ADEN = 1
ADSC = 0
ADFR = 0
ADIE = 1
2.
Enter Idle mode. The ADC will start a conversion once the CPU has been halted.
3.
If no other interrupts occur before the ADC conversion completes, the ADC inter-
rupt will wake up the MCU and execute the ADC conversion complete interrupt
routine.
1
2
3
4
5
6
7
8
9
10
11
12
13
Sign and MSB of Result
LSB of Result
ADC Clock
ADSC
ADIF
ADCH
ADCL
Cycle Number
12
One Conversion
Next Conversion
3
Sample & Hold
MUX and REFS
Update
Conversion
complete
MUX and REFS
Update
11
12
13
MSB of Result
LSB of Result
ADC Clock
ADSC
Hold Strobe
ADIF
ADCH
ADCL
Cycle Number
12
One Conversion
Next
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com