Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 16Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 17Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 18Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 19Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 20Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 21Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 22Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 23Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
20
AT90S/LS4433
1042H–AVR–04/03
Stack Pointer – SP
The AT90S4433 Stack Pointer is implemented as an 8-bit register in the I/O space loca-
tion $3D ($5D). As the AT90S4433 data memory has $0DF locations, eight bits are
used.
The Stack Pointer points to the data SRAM stack area where the Subroutine and Inter-
rupt stacks are located. This stack space in the data SRAM must be defined by the
program before any subroutine calls are executed or interrupts are enabled. The Stack
Pointer must be set to point above $60. The Stack Pointer is decremented by one when
data is pushed onto the stack with the PUSH instruction, and it is decremented by two
when an address is pushed onto the Stack with subroutine calls and interrupts. The
Stack Pointer is incremented by one when data is popped from the stack with the POP
instruction, and it is incremented by two when an address is popped from the Stack with
return from subroutine RET or return from interrupt RETI.
Reset and Interrupt
Handling
The AT90S4433 provides 13 different interrupt sources. These interrupts and the sepa-
rate reset vector each have a separate Program Vector in the Program memory space.
All interrupts are assigned individual enable bits, which must be set (one) together with
the I-bit in the Status Register in order to enable the interrupt.
The lowest addresses in the Program memory space are automatically defined as the
Reset and Interrupt Vectors. The complete list of Vectors is shown in Table 3. The list
also determines the priority levels of the different interrupts. The lower the address, the
higher the priority level. RESET has the highest priority, and next is INT0 (the External
Interrupt Request 0), etc.
765
432
10
$3D ($5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SP
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 3. Reset and Interrupt Vectors
Vector No.
Program
Address
Source
Interrupt Definition
1
$000
RESET
External Pin, Power-on Reset, Brown-out Reset
and Watchdog Reset
2
$001
INT0
External Interrupt Request 0
3
$002
INT1
External Interrupt Request 1
4
$003
TIMER1 CAPT
Timer/Counter1 Capture Event
5
$004
TIMER1 COMP
Timer/Counter1 Compare Match
6
$005
TIMER1 OVF
Timer/Counter1 Overflow
7
$006
TIMER0 OVF
Timer/Counter0 Overflow
8
$007
SPI, STC
Serial Transfer Complete
9
$008
UART, RX
UART, Rx Complete
10
$009
UART, UDRE
UART Data Register Empty
11
$00A
UART, TX
UART, Tx Complete
12
$00B
ADC
ADC Conversion Complete
13
$00C
EE_RDY
EEPROM Ready
14
$00D
ANA_COMP
Analog Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com